Part Number Hot Search : 
NC7WV17 12517 2SC566 D1028UK MM74C14N XFN44 TDZV18 PAN301A
Product Description
Full Text Search
 

To Download CY62128V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Family
fax id: 1078
CY62128V Family
128K x 8 Static RAM
Features
* Low voltage range: -- 2.7V-3.6V (CY62128V) -- 2.3V-2.7V (CY62128V25) * * * * * -- 1.6V-2.0V (CY62128V18) Low active power and standby power Easy memory expansion with CE and OE features TTL-compatible inputs and outputs Automatic power-down when deselected CMOS for optimum speed/power three-state drivers. These devices have an automatic power-down feature, reducing the power consumption by over 99% when deselected. The CY62128V family is available in the standard 450-mil-wide SOIC, TSOP, and STSOP packages. Writing to the device is accomplished by taking chip enable one (CE1) and write enable (WE) inputs LOW and the chip enable two (CE2) input HIGH. Data on the eight I/O pins (I/O0 through I/O7) is then written into the location specified on the address pins (A0 through A16). Reading from the device is accomplished by taking chip enable one (CE1) and output enable (OE) LOW while forcing write enable (WE) and chip enable two (CE 2) HIGH. Under these conditions, the contents of the memory location specified by the address pins will appear on the I/O pins. The eight input/output pins (I/O0 through I/O7) are placed in a high-impedance state when the device is deselected (CE1 HIGH or CE2 LOW), the outputs are disabled (OE HIGH), or during a write operation (CE1 LOW, CE2 HIGH, and WE LOW).
Functional Description
The CY62128V family is composed of three high-performance CMOS static RAMs organized as 131,072 words by 8 bits. Easy memory expansion is provided by an active LOW chip enable (CE) and active LOW output enable (OE) and
Logic Block Diagram
Pin Configurations
Top View SOIC
NC A16 A14 A12 A7 A6 A5 A4 A3 A2 A1 A0 I/O0 I/O1 I/O2 GND 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 VCC A15 CE2 WE A13 A8 A9 A11 OE A10 CE1 I/O7 I/O6 I/O5 I/O4 I/O3
INPUT BUFFER
I/O 0 I/O 1 I/O 2
A0 A1 A2 A3 A4 A5 A6 A7 A8
512x 256x 8 ARRAY
I/O 3 I/O 4 I/O 5
62128V-2
CE 1 CE 2 WE OE
COLUMN DECODER
POWER DOWN
I/O 6 I/O 7
62128V-1
A4 A5 A6 A7 A12 A14 A16 NC VCC A15 CE2 WE A13 A8 A9 A11
16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1
TSOP I Reverse Pinout Top View (not to scale)
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
A3 A2 A1 A0 I/O0 I/O1 I/O2 GND I/O3 I/O4 I/O5 I/O6 I/O7 CE1 A10 OE 62128V-3
A11 A9 A8 A13 WE CE2 A15 VCC NC A16 A14 A12 A7 A6 A5 A4
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
TSOP I / STSOP Top View (not to scale)
32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17
OE A10 CE1 I/O7 I/O6 I/O5 I/O4 I/O3 GND I/O2 I/O1 I/O0 A0 A1 A2 A3 62128V-4
Cypress Semiconductor Corporation
*
3901 North First Street
*
San Jose * CA 95134 * 408-943-2600 November 1996 - Revised April 20, 1998
CY62128V Family
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.) Storage Temperature ................................. -65C to +150C Ambient Temperature with Power Applied ............................................... 55C to +125C Supply Voltage to Ground Potential (Pin 28 to Pin 14) ........................................... -0.5V to +4.6V DC Voltage Applied to Outputs in High Z State[1] ....................................-0.5V to VCC + 0.5V DC Input Voltage[1].................................-0.5V to VCC + 0.5V Output Current into Outputs (LOW)............................. 20 mA Static Discharge Voltage .......................................... >2001V (per MIL-STD-883, Method 3015) Latch-Up Current.................................................... >200 mA
Operating Range
Range Commercial Industrial Ambient Temperature 0C to +70C -40C to +85C VCC 1.6V to 3.6V 1.6V to 3.6V
Product Portfolio
Power Dissipation (Commercial) VCC Range Product CY62128V CY62128V25 CY62128V18 Min. 2.7V 2.3V 1.6V Typ.
[2]
Operating (I cc) Max. 3.6V 2.7V 2.0V Speed 70 ns 100 ns 200 ns Typ.
[2]
Standby (ISB2) Typ.
[2]
Maximum 40 mA 20 mA 15 mA
Maximum 100 A (15 A = LL) 50 A (10 A = LL) 30 A (10 A = LL)
3.0V 2.5V 1.8V
20 mA 15 mA 10 mA
0.4 A 0.3 A 0.3 A
Electrical Characteristics Over the Operating Range
CY62128V-70 Parameter VOH VOL VIH VIL IIX IOZ ICC Description Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input Load Current Output Leakage Current VCC Operating Supply Current GND < VI < VCC GND < VO < VCC, Output Disabled VCC = Max., IOUT = 0 mA, f = fMAX = 1/tRC Com'l Ind'l ISB1 Automatic CE Power-Down Current-- TTL Inputs Max. VCC, CE > VIH, Com'l VIN > VIH or VIN < VIL, f = fMAX Ind'l Max. VCC, CE > VCC - 0.3V VIN > VCC - 0.3V or VIN < 0.3V, f = 0 Com'l Ind'l L LL L LL L LL L LL ISB2 Automatic CE Power-Down Current-- CMOS Inputs L LL L LL 0.4 100 15 100 30 A A A A 15 300 A Test Conditions VCC = Min., IOH = -1.0 mA VCC = Min., IOL = 2.1 mA 2 -0.5 -1 -1 1 1 20 Min. 2.4 0.4 VCC +0.5V 0.8 +1 +1 40 Typ.[2] Max. Unit V V V V A A mA
Notes: 1. VIL (min.) = -2.0V for pulse durations of less than 20 ns. 2. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC Typ, TA = 25C.
2
CY62128V Family
Electrical Characteristics Over the Operating Range
CY62128V25-100 Parameter VOH VOL VIH VIL IIX IOZ ICC Description Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input Load Current Output Leakage Current VCC Operating Supply Current Automatic CE Power-Down Current-- TTL Inputs Automatic CE Power-Down Current-- CMOS Inputs GND < VI < VCC GND < VO < VCC, Output Disabled VCC = Max., IOUT = 0 mA, f = fMAX = 1/tRC Max. VCC, CE > VIH, VIN > VIH or VIN < VIL, f = fMAX Max. VCC, CE > VCC - 0.3V VIN > VCC - 0.3V or VIN < 0.3V, f = 0 Indust'l Temp Range L LL L LL L LL LL 0.4 50 12 24 0.4 30 10 20 A A A 15 300 5 100 A Test Conditions VCC = Min., IOH = -0.1 mA VCC = Min., IOL = 0.1 mA 2 -0.5 -1 -1 1 1 15 Min. 2.4 0.4 VCC +0.5 0.8 +1 +1 20 0.7* VCC -0.5 -1 -1 0.1 0.1 10 Typ.
[2]
CY62128V18-200 Min. 0.8* Vcc 0.2 VCC +0.3 0.3* VCC +1 +1 15 Typ.[2] Max. Unit V V V V A A mA
Max.
ISB1
ISB2
Capacitance[3]
Parameter CIN COUT Description Input Capacitance Output Capacitance Test Conditions TA = 25C, f = 1 MHz, VCC = 3.0V Max. 6 8 Unit pF pF
Note: 3. Tested initially and after any design or process changes that may affect these parameters.
3
CY62128V Family
AC Test Loads and Waveforms
R1 VCC OUTPUT 50 pF INCLUDING JIG AND SCOPE R2 1.8V 10% GND < 5 ns
62128V-5
ALL INPUT PULSES 90% 90% 10% < 5 ns
62128V-6
Equivalent to:
THEVENIN EQUIVALENT RTH V
OUTPUT
Parameters R1 R2 RTH VTH
3.3V 1213 1378 645 1.75V
2.5V 15909 4487 3500 0.55V
1.8V 10800 4154 3000 0.50V
Unit Ohms Ohms Ohms Volts
Data Retention Characteristics (Over the Operating Range)
Parameter VDR ICCDR Description VCC for Data Retention Data Retention Current Com'l Ind'l tCDR[3] tR L LL L LL Chip Deselect to Data Retention Time Operation Recovery Time VCC = 1.6V CE > VCC - 0.3V, VIN > VCC - 0.3V or VIN < 0.3V No input may exceed VCC+0.3V 0 tRC Conditions[4] Min. 1.4 0.4 10 10 20 20 Typ.[2] Max. Unit V A A A A ns ns
Data Retention Waveform
DATA RETENTION MODE VCC 1.8V tCDR CE
C62128V-7
VDR > 1.4 V
1.8V tR
Note: 4. No input may exceed VCC+0.3V.
4
CY62128V Family
Switching Characteristics Over the Operating Range[5]
CY62128V-70 Parameter READ CYCLE tRC tAA tOHA tACE tDOE tLZOE tHZOE tLZCE tHZCE tPU tPD WRITE CYCLE tWC tSCE tAW tHA tSA tPWE tSD tHD tHZWE tLZWE
[8,9]
CY62128V25-100 CY62128V18-200 Min. 100 Max. Min. 200 100 10 10 100 75 10 10 50 10 10 50 0 0 100 100 100 100 0 0 90 60 0 200 190 190 0 0 125 100 0 50 10 15 100 200 75 75 200 125 200 Max. Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
Description Read Cycle Time Address to Data Valid Data Hold from Address Change CE LOW to Data Valid OE LOW to Data Valid OE LOW to Low Z[6] OE HIGH to High Z CE LOW to Low Z CE HIGH to High Z
[6, 7] [6] [6, 7]
Min. 70
Max.
70 10 70 35 10 25 10 25 0 70 70 60 60 0 0 55 30 0 25 5
CE LOW to Power-Up CE HIGH to Power-Down Write Cycle Time CE LOW to Write End Address Set-Up to Write End Address Hold from Write End Address Set-Up to Write Start WE Pulse Width Data Set-Up to Write End Data Hold from Write End WE LOW to High Z
[6, 7]
WE HIGH to Low Z[6]
Switching Waveforms
Read Cycle No. 1[10, 11]
tRC ADDRESS tOHA DATA OUT PREVIOUS DATA VALID tAA DATA VALID
62128V-8
Notes: 5. Test conditions assume signal transition time of 5 ns or less timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified IOL/IOH and 100-pF load capacitance. 6. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device. 7. tHZOE, tHZCE, and tHZWE are specified with CL = 5 pF as in part (b) of AC Test Loads. Transition is measured 200 mV from steady-state voltage. 8. The internal write time of the memory is defined by the overlap of CE1 LOW, CE2 HIGH and WE LOW. CE1 and WE signals must be LOW and CE2 HIGH to initiate a write and either signal can terminate a write by going HIGH. The data input set-up and hold timing should be referenced to the rising edge of the signal that terminates the write. 9. The minimum write cycle time for write cycle #3 (WE controlled, OE LOW) is the sum of tHZWE and tSD. 10. Device is continuously selected. OE, CE = VIL, CE2=VIH. 11. WE is HIGH for read cycle.
5
CY62128V Family
Switching Waveforms (continued)
Read Cycle No. 2 (OE Controlled)[11,12]
ADDRESS tRC CE1 CE2 tACE OE tDOE DATA OUT VCC SUPPLY CURRENT tLZOE HIGH IMPEDANCE tLZCE tPU 50% tHZOE tHZCE DATA VALID tPD 50% ISB
62128V-9
HIGH IMPEDANCE
ICC
Write Cycle No. 1 (CE1 or CE2 Controlled)[13,14]
tWC ADDRESS tSCE CE1 tSA CE2 tSCE tAW tPWE WE tSD DATA I/O DATA VALID
62128V-10
tHA
tHD
Notes: 12. Address valid prior to or coincident with CE1 transition LOW and CE2 transition HIGH. 13. Data I/O is high impedance if OE = VIH. 14. If CE1 goes HIGH or CE2 goes LOW simultaneously with WE HIGH, the output remains in a high-impedance state.
6
CY62128V Family
Switching Waveforms (continued)
Write Cycle No. 2 (WE Controlled, OE HIGH During Write)[13,14]
tWC ADDRESS tSCE CE1
CE2 tSCE tAW tSA WE tPWE tHA
OE tSD DATA I/O NOTE 15 tHZOE
Note: 15. During this period, the I/Os are in output state and input signals should not be applied.
tHD
DATAIN VALID
62128V-11
Truth Table
CE1 H X L L L CE2 X L H H H OE X X L X H WE X X H L H I/O0-I/O7 High Z High Z Data Out Data In High Z Mode Power-Down Power-Down Read Write Selected, Outputs Disabled Power Standby (ISB) Standby (ISB) Active (ICC) Active (ICC) Active (ICC)
7
CY62128V Family
Ordering Information
Speed (ns) 70 Ordering Code CY62128VL-70SC CY62128VLL-70SC CY62128VL-70ZC CY62128VLL-70ZC CY62128VL-70ZAC CY62128VLL-70ZAC CY62128VL-70ZRC CY62128VLL-70ZRC 70 CY62128VL-70SI CY62128VLL-70SI CY62128VL-70ZI CY62128VLL-70ZI CY62128VL-70ZAI CY62128VLL-70ZAI CY62128VL-70ZRI CY62128VLL-70ZRI 100 CY62128V25L-100SC CY62128V25LL-100SC CY62128V25L-100ZC CY62128V25LL-100ZC CY62128V25L-100ZAC CY62128V25LL-100ZAC CY62128V25L-100ZRC CY62128V25LL-100ZRC 100 CY62128V25L-100SI CY62128V25LL-100SI CY62128V25L-100ZI CY62128V25LL-100ZI CY62128V25L-100ZAI CY62128V25LL-100ZAI CY62128V25L-100ZRI CY62128V25LL-100ZRI 200 CY62128V18L-200SC CY62128V18LL-200SC CY62128V18L-200ZC CY62128V18LL-200ZC CY62128V18L-200ZAC CY62128V18LL-200ZAC CY62128V18L-200ZRC CY62128V18LL-200ZRC Package Name S34 S34 Z32 Z32 ZA32 ZA32 ZR32 ZR32 S34 S34 Z32 Z32 ZA32 ZA32 ZR32 ZR32 S34 S34 Z32 Z32 ZA32 ZA32 ZR32 ZR32 S34 S34 Z32 Z32 ZA32 ZA32 ZR32 ZR32 S34 S34 Z32 Z32 ZA32 ZA32 ZR32 ZR32 32-Lead Reverse TSOP 1 32-Lead STSOP Type 1 32-Lead TSOP Type 1 32-Lead 450-Mil SOIC Commercial 32-Lead Reverse TSOP 1 32-Lead STSOP Type 1 32-Lead TSOP Type 1 32-Lead 450-Mil SOIC Industrial 32-Lead Reverse TSOP 1 32-Lead STSOP Type 1 32-Lead TSOP Type 1 32-Lead 450-Mil SOIC Commercial 32-Lead Reverse TSOP 1 32-Lead STSOP Type 1 32-Lead TSOP Type 1 32-Lead 450-Mil SOIC Industrial 32-Lead Reverse TSOP 1 32-Lead STSOP Type 1 32-Lead TSOP Type 1 Package Type 32-Lead 450-Mil SOIC Operating Range Commercial
8
CY62128V Family
Ordering Information (continued)
Speed (ns) 200 Ordering Code CY62128V18L-200SI CY62128V18LL-200SI CY62128V18L-200ZI CY62128V18LL-200ZI CY62128V18L-200ZAI CY62128V18LL-200ZAI CY62128V18L-200ZRI CY62128V18LL-200ZRI Document #: 38-00547-A Package Name S34 S34 Z32 Z32 ZA32 ZA32 ZR32 ZR32 32-Lead Reverse TSOP 1 32-Lead STSOP Type 1 32-Lead TSOP Type 1 Package Type 32-Lead 450-Mil SOIC Operating Range Industrial
9
CY62128V Family
Package Diagrams
32-Lead (450 Mil) Molded SOIC S32
32-Lead Thin Small Outline Package Z32
10
CY62128V Family
Package Diagrams (continued)
32-Lead Shrunk Thin Small Outline Package ZA32
13.20 (.520) 13.60 (.535) 11.70 (.461) 11.90 (.469)
32-Lead Reverse Thin Small Outline Package ZR32
(c) Cypress Semiconductor Corporation, 1998. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges.


▲Up To Search▲   

 
Price & Availability of CY62128V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X